| 전자부품 데이터시트 검색엔진 |
|
ICS9214 데이터시트(PDF) 4 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS9214 데이터시트(HTML) 4 Page - Integrated Circuit Systems |
|
4 / 16 page ![]() 4 Integrated Circuit Systems, Inc. ICS9214 0809D—04/07/06 SMB Table: Output Control Register Control Function Bit 7 Test Mode Reserved for Vendor RW 0 Bit 6 MULT2 Multiplier Select RW 0 Bit 5 MULT1 Multiplier Select RW 0 Bit 4 MULT0 Multiplier Select RW 1 Bit 3 ODCLK_T/C0 Output Control RW 1 Bit 2 ODCLK_T/C1 Output Control RW 1 Bit 1 ODCLK_T/C2 Output Control RW 1 Bit 0 ODCLK_T/C3 Output Control RW 1 Disable = Output in high-impedance state Enable = Output is switching SMB Table: Frequency Multiplier Control Register Control Function Bit 7 Reserved Reserved RW 0 Bit 6 Reserved Reserved RW 0 Bit 5 Reserved Reserved RW 0 Bit 4 Reserved Reserved RW 0 Bit 3 Reserved Reserved RW 0 Bit 2 Reserved Reserved RW 0 Bit 1 Reserved Reserved RW 0 Bit 0 Test Mode Reserved for Vendor RW 0 SMB Table: Revision & Vendor ID Register Control Function Bit 7 RID4 R X Bit 6 RID3 R X Bit 5 RID2 R X Bit 4 RID1 R X Bit 3 RID0 R X Bit 2 VID2 R 0 Bit 1 VID1 R 0 Bit 0 VID0 R 1 NOTES: 1. PWD = Power Up Default Disable Enable -- -- -- -- -- Vendor ID - -- -- Revision ID - -- - -- 01 See Table 2. PWD 1 PWD - -- Byte 2 Pin # Name Type - - Byte 0 Pin # Name Type Disable Enable 01 - - Byte 1 Pin # - 27,26 24,23 20,19 17,16 - -- Name Type 0 1 -- - -- - - - - -- - -- PWD Disable Enable Disable Disable Enable Enable Disable Enable |