| 전자부품 데이터시트 검색엔진 |
|
UT63M-147CCC 데이터시트(PDF) 10 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT63M-147CCC 데이터시트(HTML) 10 Page - Aeroflex Circuit Technology |
|
10 / 20 page ![]() Appendix 2 - 10 RECEIVER ELECTRICAL CHARACTERISTICS 1 VCC = 5.0V ±10% -55 °C < T C < +125°C Notes: 1. All tests guaranteed per test figure 6. 2. Capacitance is measured only for initial qualification and after any process or design changes which may affect input or output capacitance. 3. Pass/fail criteria per the test method described in MIL-HDBK-1553 Appendix A, RT Validation Test Plan, Section 5.1.2.2, Common Mode Rejection. 4. Guaranteed by design. 5. Guaranteed to the limits specified if not tested. SYMBOL PARAMETER MINIMUM MAXIMUM UNIT CONDITION CIN 2 Input capacitance 15 pF RXEN; input ƒ = 1MHz @ 0V COUT 2 Output capacitance 20 pF RXOUT, RXOUT; ƒ = 1MHz @ 0V VIC 5 Common mode input voltage -5 5 V Direct-coupled stub; input 1.2 VPP, 200ns rise/fall time ±25ns, ƒ = 1MHz VTH Input threshold voltage4 (no response) Input threshold voltage (no response) Input threshold voltage4 (response) Input threshold voltage (response) 0.86 1.20 0.20 0.28 14.0 20.02 VPP,L-L VPP,L-L VPP,L-L VPP,L-L Transformer-coupled stub; input at ƒ = 1MHz, rise/fall time 200ns at (Receiver output 0 → 1 transition) Direct-coupled stub; input at ƒ = 1MHz, rise/fall time 200ns at (Receiver output 0 → 1 transition) Transformer-coupled stub; input at ƒ = 1MHz, rise/fall time 200ns at (Receiver output 0 → 1 transition) Direct-coupled stub; input at ƒ = 1MHz, rise/fall time 200ns at (Receiver output 0 → 1 transition) CMRR5 Common mode rejection ratio Pass/Fail 3 N/A |