전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU808DFX 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 BU808DFX
상세설명  HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BU808DFX 데이터시트(HTML) 6 Page - STMicroelectronics

  BU808DFX Datasheet HTML 1Page - STMicroelectronics BU808DFX Datasheet HTML 2Page - STMicroelectronics BU808DFX Datasheet HTML 3Page - STMicroelectronics BU808DFX Datasheet HTML 4Page - STMicroelectronics BU808DFX Datasheet HTML 5Page - STMicroelectronics BU808DFX Datasheet HTML 6Page - STMicroelectronics BU808DFX Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BU808DF
X
6/7
DIM.
mm.
MIN.
TYP
MAX.
A
5.30
5.70
C
2.80
3.20
D
3.10
3.50
D1
1.80
2.20
E
0.80
1.10
F
0.65
0.95
F2
1.80
2.20
G
10.30
11.50
G1
5.45
H
15.30
15.70
L9
10.20
L2
22.80
23.20
L3
26.30
26.70
L4
43.20
44.40
L5
4.30
4.70
L6
24.30
24.70
L7
14.60
15
N
1.80
2.20
R
3.80
4.20
Dia
3.40
3.80
ISOWATT218FX MECHANICAL DATA
7627132 B



Html Pages

1 2 3 4 5 6 7