전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU808DFX 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 BU808DFX
상세설명  HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BU808DFX 데이터시트(HTML) 4 Page - STMicroelectronics

  BU808DFX Datasheet HTML 1Page - STMicroelectronics BU808DFX Datasheet HTML 2Page - STMicroelectronics BU808DFX Datasheet HTML 3Page - STMicroelectronics BU808DFX Datasheet HTML 4Page - STMicroelectronics BU808DFX Datasheet HTML 5Page - STMicroelectronics BU808DFX Datasheet HTML 6Page - STMicroelectronics BU808DFX Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Switching Time Inductive Load at 16KHZ
Reverse Biased SOA
BASE DRIVE INFORMATION
In order to saturate the power switch and reduce
conduction losses, adequate direct base current
IB1 has to be provided for the lowest gain hFE at
100 oC (line scan phase). On the other hand,
negative base current IB2 must be provided to
turn off the power transistor (retrace phase).
Most of the dissipation, in the deflection
application, occurs at switch-off. Therefore it is
essential to determine the value of IB2 which
minimizes power losses, fall time tf and,
consequently, Tj. A new set of curves have been
defined to give total power losses, ts and tf as a
function of IB2 at both 16 KHz scanning
frequencies for choosing the optimum negative
drive. The test circuit is illustrated in figure 1.
Inductance L1 serves to control the slope of the
negative base current IB2 to recombine the
excess carrier in the collector when base current
is still present, this would avoid any tailing
phenomenon in the collector current.
The values of L and C are calculated from the
following equations:
1
2 L
(
IC)2 = 12 C (VCEfly)
2
ω = 2 π
f = 1
√
L C
Where IC= operating collector current, VCEfly=
flyback voltage, f= frequency of oscillation during
retrace.
BU808DF
X
4/7



Html Pages

1 2 3 4 5 6 7