| 전자부품 데이터시트 검색엔진 |
|
UPSD3422 데이터시트(PDF) 106 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3422 데이터시트(HTML) 106 Page - STMicroelectronics |
|
106 / 300 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) Standard 8032 timer/counters UPSD3422, UPSD3433, UPSD3434, UPSD3454 106/300 Figure 28. Timer 2 in auto-reload mode Figure 29. Timer 2 in baud rate generator mode AI06626 fOSC TF2 Reload TR2 T2 pin Control TL2 (8 bits) TH2 (8 bits) C/T2 = 0 C/T2 = 1 ÷ 12 EXP2 Control EXEN2 RCAP2L RCAP2H T2X pin Timer 2 Interrupt Transition Detector AI09605 fOSC Reload TR2 T2 pin Control Note: Oscillator frequency is divided by 2, not 12 like in other timer modes. Note: Availability of additional external interrupt. TL2 (8 bits) TH2 (8 bits) C/T2 = 0 C/T2 = 1 ÷ 12 ÷ 2 ÷ 16 ÷ 16 EXF2 Control EXEN2 RCAP2L RCAP2H T2X pin Timer 2 Interrupt TX CLK RX CLK Timer 1 Overflow SMOD RCLK '1' '0' '1' '0' '1' '0' TCLK Transition Detector Obsolete Product(s) - Obsolete Product(s) |