| 전자부품 데이터시트 검색엔진 |
|
UPSD3422EB40U6 데이터시트(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3422EB40U6 데이터시트(HTML) 54 Page - STMicroelectronics |
|
54 / 300 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) UPSD34xx instruction set summary UPSD3422, UPSD3433, UPSD3434, UPSD3454 54/300 Table 8. Data transfer instruction set Mnemonic(1) and use 1. All mnemonics copyrighted ©Intel Corporation 1980. Description Length/cycles MOV A, Rn Move register to ACC 1 byte/1 cycle MOV A, direct Move direct byte to ACC 2 byte/1 cycle MOV A, @Ri Move indirect SRAM to ACC 1 byte/1 cycle MOV A, #data Move immediate data to ACC 2 byte/1 cycle MOV Rn, A Move ACC to register 1 byte/1 cycle MOV Rn, direct Move direct byte to register 2 byte/2 cycle MOV Rn, #data Move immediate data to register 2 byte/1 cycle MOV direct, A Move ACC to direct byte 2 byte/1 cycle MOV direct, Rn Move register to direct byte 2 byte/2 cycle MOV direct, direct Move direct byte to direct 3 byte/2 cycle MOV direct, @Ri Move indirect SRAM to direct byte 2 byte/2 cycle MOV direct, #data Move immediate data to direct byte 3 byte/2 cycle MOV @Ri, A Move ACC to indirect SRAM 1 byte/1 cycle MOV @Ri, direct Move direct byte to indirect SRAM 2 byte/2 cycle MOV @Ri, #data Move immediate data to indirect SRAM 2 byte/1 cycle MOV DPTR, #data16 Load Data Pointer with 16-bit constant 3 byte/2 cycle MOVC A, @A+DPTR Move code byte relative to DPTR to ACC 1 byte/2 cycle MOVC A, @A+PC Move code byte relative to PC to ACC 1 byte/2 cycle MOVX A, @Ri (2) 2. This instruction is not supported by UPSD34xx. See Section 9.6: External indirect addressing on page 49 Move XDATA (8-bit addr) to ACC 1 byte/2 cycle MOVX A, @DPTR Move XDATA (16-bit addr) to ACC 1 byte/2 cycle MOVX @Ri, A (2) Move ACC to XDATA (8-bit addr) 1 byte/2 cycle MOVX @DPTR, A Move ACC to XDATA (16-bit addr) 1 byte/2 cycle XCH A, Rn Exchange register with ACC 1 byte/1 cycle PUSH direct Push direct byte onto stack 2 byte/2 cycle POP direct Pop direct byte from stack 2 byte/2 cycle XCH A, direct Exchange direct byte with ACC 2 byte/1 cycle XCH A, @Ri Exchange indirect SRAM with ACC 1 byte/1 cycle XCHD A, @Ri Exchange low-order digit indirect SRAM with ACC 1 byte/1 cycle Obsolete Product(s) - Obsolete Product(s) |