전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPSD3422EB40U6 데이터시트(PDF) 128 Page - STMicroelectronics

부품명 UPSD3422EB40U6
상세설명  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 데이터시트(HTML) 128 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 124Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 125Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 126Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 127Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 128Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 129Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 130Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 131Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
I2C interface
UPSD3422, UPSD3433, UPSD3434, UPSD3454
128/300
Figure 42.
I2C interface SIOE block diagram
Open-
drain
output
Input
Open-
drain
output
Input
Comparator
S1SETUP - Sample rate
control (Start condition)
S1STA - Interface status
S1CON - Interface control
ACK
Bit
SCL / P3.7
Timing and
control
Clock
generation
Arbitration
and sync
Periph
Clock
(fOSC)
SDA / P3.6
INTR to 8032
S1DAT - Shift register
Serial DATA IN
Serial DATA OUT
Shift Direction
8
8
8
8
8
7
7
b0
b7
S1ADR - Device address
b7
b0
AI09626b
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More