전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LIS2DUX12 데이터시트(PDF) 31 Page - STMicroelectronics

부품명 LIS2DUX12
상세설명  Ultralow-power accelerometer with AI & anti-aliasing
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUX12 데이터시트(HTML) 31 Page - STMicroelectronics

Back Button LIS2DUX12 Datasheet HTML 27Page - STMicroelectronics LIS2DUX12 Datasheet HTML 28Page - STMicroelectronics LIS2DUX12 Datasheet HTML 29Page - STMicroelectronics LIS2DUX12 Datasheet HTML 30Page - STMicroelectronics LIS2DUX12 Datasheet HTML 31Page - STMicroelectronics LIS2DUX12 Datasheet HTML 32Page - STMicroelectronics LIS2DUX12 Datasheet HTML 33Page - STMicroelectronics LIS2DUX12 Datasheet HTML 34Page - STMicroelectronics LIS2DUX12 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 102 page
background image
6.3
MIPI I3C® interface
6.3.1
MIPI I3C® slave interface
The LIS2DUX12 interface includes a MIPI I3C® SDR-only slave interface able to work up to 12.5 MHz of the SCL
frequency (compliant with release v1.1 of the specification) with MIPI I3C® SDR embedded features:
CCC command
Direct CCC communication (SET and GET)
Broadcast CCC communication
Private communications
Private read and write for single byte
Multiple read and write
In-band interrupt request
Slave reset pattern for reset
Error detection and recovery (S0 - S6)
Group address
LIS2DUX12
MIPI I3C® interface
DS14071 - Rev 2
page 31/102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More