전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DT100ID 데이터시트(PDF) 3 Page - Danisense A/S

부품명 DT100ID
상세설명  Reduced size, ultra-stable, high precision (ppm class) fluxgate technology DT Series current transducer for isolated DC and AC current measurement up to 100Arms
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DANISENSE [Danisense A/S]
홈페이지  https://danisense.com/
Logo DANISENSE - Danisense A/S

DT100ID 데이터시트(HTML) 3 Page - Danisense A/S

  DT100ID Datasheet HTML 1Page - Danisense A/S DT100ID Datasheet HTML 2Page - Danisense A/S DT100ID Datasheet HTML 3Page - Danisense A/S DT100ID Datasheet HTML 4Page - Danisense A/S DT100ID Datasheet HTML 5Page - Danisense A/S DT100ID Datasheet HTML 6Page - Danisense A/S  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
page 3 - 2022-11-24
Precision – Innovation
www.danisense.com
DT100ID
Measurement resistor RM and ambient temperature derating (Fig. 1)
Frequency and ambient temperature derating (Fig. 2)
Frequency characteristics (Fig. 3)
Recommended setup for high frequency: Symmetrical placement of the primary current and the return current.
For more information see application note at www.danisense.com: Current Measurements at High Frequencies.pdf
Nominal continuous primary
current maximum 100A



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com