전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DT100ID 데이터시트(PDF) 1 Page - Danisense A/S

부품명 DT100ID
상세설명  Reduced size, ultra-stable, high precision (ppm class) fluxgate technology DT Series current transducer for isolated DC and AC current measurement up to 100Arms
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DANISENSE [Danisense A/S]
홈페이지  https://danisense.com/
Logo DANISENSE - Danisense A/S

DT100ID 데이터시트(HTML) 1 Page - Danisense A/S

  DT100ID Datasheet HTML 1Page - Danisense A/S DT100ID Datasheet HTML 2Page - Danisense A/S DT100ID Datasheet HTML 3Page - Danisense A/S DT100ID Datasheet HTML 4Page - Danisense A/S DT100ID Datasheet HTML 5Page - Danisense A/S DT100ID Datasheet HTML 6Page - Danisense A/S  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
page 1 - 2022-11-24
Precision – Innovation
www.danisense.com
DT100ID
All ppm (or %) values refer to nominal current
Reduced size, ultra-stable, high precision (ppm class) fluxgate technology DT Series
current transducer for isolated DC and AC current measurement up to 100Arms
Specification highlights
Symbol
Unit
Min
Typ
Max
Nominal continuous primary AC current
IPN AC
Arms
100
Nominal continuous primary DC current
IPN DC
A
-100
100
Measuring range
ÎPM
A
-150
150
Primary / secondary ratio
n1 : n2
1:1000
1:1000
Linearity error
ƐL
ppm
-1
0.4
1
Offset current (including earth field)
IOE
ppm
-50
50
DC-10Hz Overall accuracy @25°C (= ƐL + IOE )
accƐ
ppm
-51
51
Bandwidth
f(±3dB)
kHz
2000
AC typical gain error 10Hz to 5kHz
ƐG
%
±0.01
Operating temperature range
Ta
°
C
-40
85
Power supply voltages
Uc
V
±14.25
±15.75
Features
Fluxgate, closed loop compensated technology with
fixed excitation frequency and second harmonic zero
flux detection for best in class accuracy and stability
2 MHz high frequency bandwidth
Excellent linearity, better than 1 ppm
Industry standard DSUB 9 pin connection
Green diode for normal operation indication
Large aperture Ø20.7mm for cables and bus bars
Weighs only 0.15 kg
Applications
Optimized for space constraint applications
MPS for particles accelerators
Gradient amplifiers for MRI devices
Stable power supplies
Precision drives
Batteries testing and evaluation systems
Power measurement and power analysis
Variable speed drives
Calibration unit


유사한 부품 번호 - DT100ID

제조업체부품명데이터시트상세설명
logo
Extech Instruments Corp...
DT100 EXTECH-DT100 Datasheet
147Kb / 8P
Ultrasonic Distance Finder
logo
TDK Electronics
DT100 TDK-DT100 Datasheet
162Kb / 2P
100W to 150W AC-DC External Power Supplies
DT100/150-C TDK-DT100/150-C Datasheet
162Kb / 2P
100W to 150W AC-DC External Power Supplies
logo
Microchip Technology
DT100112 MICROCHIP-DT100112 Datasheet
165Kb / 2P
PIC-BLE Development Board
12-17-19
logo
Dallas Semiconductor
DT100BK DALLAS-DT100BK Datasheet
2Mb / 7P
An economical means of transferring power
More results

유사한 설명 - DT100ID

제조업체부품명데이터시트상세설명
logo
Danisense A/S
DT200ID DANISENSE-DT200ID Datasheet
693Kb / 6P
Reduced size, ultra-stable, high precision (ppm class) fluxgate technology DT Series current transducer for isolated DC and AC current measurement up to 200Arms
2022-11-25
DT50ID DANISENSE-DT50ID Datasheet
647Kb / 6P
Reduced size, ultra-stable, high precision (ppm class) fluxgate technology DT Series current transducer for isolated DC and AC current measurement up to 50Arms
2022-11-24
DL2000ID DANISENSE-DL2000ID Datasheet
973Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 3000A
2022-11-24
DM1200ID-CD3000 DANISENSE-DM1200ID-CD3000 Datasheet
477Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DM Series current transducer for non-intrusive, isolated DC and AC current measurement up to 1500A
2022-11-29
DQ500ID DANISENSE-DQ500ID Datasheet
520Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 800A
2022-11-29
DQ600ID DANISENSE-DQ600ID Datasheet
481Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 1000A
2022-11-29
DR5000IM DANISENSE-DR5000IM Datasheet
889Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DR Series current transducer for non-intrusive, isolated DC and AC current measurement up to 8000A
2022-11-24
DR5000UX-10V_5000A DANISENSE-DR5000UX-10V_5000A Datasheet
939Kb / 8P
Ultra-stable, high precision (ppm class) fluxgate technology DR Series current transducer for non-intrusive, isolated DC and AC current measurement up to 5500A
2022-11-24
DS600UB-10V DANISENSE-DS600UB-10V Datasheet
558Kb / 8P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 660A
2022-11-24
DT50ID-1 DANISENSE-DT50ID-1 Datasheet
647Kb / 6P
Reduced size, ultra-stable, high precision (ppm class) fluxgate technology DT Series current transducer for isolated DC and AC current measurement up to 50Arms
2022-11-24
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com