| 전자부품 데이터시트 검색엔진 |
|
STE2004 데이터시트(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2004 데이터시트(HTML) 48 Page - STMicroelectronics |
|
48 / 66 page ![]() STE2004 48/66 Figure 62. Host Processor Interconnection with 3-line Serial Interface Figure 63. Host Processor Interconnection with 8080-series Parallel Interface DIGITAL VDD STE2004 µP D/C CS RES D0 D1 D2 D3 D4 D5 D6 D7 VSSAUX VSSAUX E - WR R/W - RD SDIN-SDAIN SDOUT SDAOUT SCLK-SCL SEL2 SEL3 SEL1 VSS TEST_MODE VDD1 VDD2 LR0113 ANALOG VDD VDD1 VSSAUX VDD1 ICON VDD1 / VSSAUX VDD1 / VSSAUX VDD1 / VSSAUX VSENSE_SLAVE VDD1_AUX OSC_IN FR_IN SA1 VSSAUX M/S SA0 TEST VREF VDD1 VDD1 / VSSAUX EXT_SET DIGITAL VDD STE2004 µP D/C CS RES D0 D1 D2 D3 D4 D5 D6 D7 VSSAUX VSSAUX E - WR R/W - RD SDIN-SDAIN SDOUT SDAOUT SCLK-SCL SEL2 SEL3 SEL1 VSS TEST_MODE VDD1 VDD2 LR0114 ANALOG VDD VSSAUX VDD1 VSSAUX ICON VDD1 / VSSAUX VDD1 / VSSAUX VDD1 / VSSAUX VSENSE_SLAVE VDD1_AUX OSC_IN FR_IN SA1 VSSAUX M/S SA0 TEST VREF VDD1 VDD1 / VSSAUX EXT_SET |