전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS10170C 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 STPS10170C
상세설명  High voltage power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10170C 데이터시트(HTML) 2 Page - STMicroelectronics

  STPS10170C Datasheet HTML 1Page - STMicroelectronics STPS10170C Datasheet HTML 2Page - STMicroelectronics STPS10170C Datasheet HTML 3Page - STMicroelectronics STPS10170C Datasheet HTML 4Page - STMicroelectronics STPS10170C Datasheet HTML 5Page - STMicroelectronics STPS10170C Datasheet HTML 6Page - STMicroelectronics STPS10170C Datasheet HTML 7Page - STMicroelectronics STPS10170C Datasheet HTML 8Page - STMicroelectronics STPS10170C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
STPS10170C
2/10
DocID12541 Rev 4
1
Characteristics
When the diodes 1 and 2 are used simultaneously:
Tj(diode 1) = P(diode1) x R
th(j-c)(Per diode) + P(diode 2) x Rth(c)
To evaluate the conduction losses use the following equation:
P = 0.65x IF(AV) + 0.02 x IF
2
(RMS)
Table 2. Absolute ratings (limiting values per diode at Tamb = 25 °C unless otherwise stated)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
170
V
IF(RMS)
Forward rms current
10
A
IF(AV)
Average forward current,
δ = 0.5, square wave T
c = 155 °C
Per diode
5
A
Total
10
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
75
A
PARM
(1)
Repetitive peak avalanche power
tp = 10 µs, Tj = 125 °C
220
W
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature(2)
175
°C
1.
For pulse time duration derating, please refer to Figure 3. More details regarding the avalanche energy measurements and
diode validation in the avalanche are provided in the application notes AN1768 and AN2025.
2.
condition to avoid thermal runaway for a diode on its own heatsink
dPtot
dTj
<
1
Rth(j-a)
Table 3. Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
Per diode
4
°C/W
Total
2.4
Rth(c)
Coupling
0.7
Table 4. Static electrical characteristics (per diode)
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
--
10
µA
Tj = 125 °C
-
-
10
mA
VF
(2)
Forward voltage drop
Tj = 25 °C
IF = 5 A
-
-
0.92
V
Tj = 125 °C
-
0.69
0.75
Tj = 25 °C
IF = 10 A
--
1.0
Tj = 125 °C
-
0.79
0.85
1.
Pulse test: tp = 5 ms,  < 2%
2.
Pulse test: tp = 380 µs,  < 2%



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com