전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS10170C 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 STPS10170C
상세설명  High voltage power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10170C 데이터시트(HTML) 4 Page - STMicroelectronics

  STPS10170C Datasheet HTML 1Page - STMicroelectronics STPS10170C Datasheet HTML 2Page - STMicroelectronics STPS10170C Datasheet HTML 3Page - STMicroelectronics STPS10170C Datasheet HTML 4Page - STMicroelectronics STPS10170C Datasheet HTML 5Page - STMicroelectronics STPS10170C Datasheet HTML 6Page - STMicroelectronics STPS10170C Datasheet HTML 7Page - STMicroelectronics STPS10170C Datasheet HTML 8Page - STMicroelectronics STPS10170C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
STPS10170C
4/10
DocID12541 Rev 4
Figure 9. Thermal resistance junction to ambient versus copper surface under tab (D²PAK)
Figure 7. Forward voltage drop vs. forward
current (per diode)
Figure 8. Thermal resistance junction to
ambient versus copper surface under tab
(DPAK)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
I
FM(A)
Tj=25°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Typical values)
Tj=125°C
(Typical values)
VFM(V)



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com