전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP-TMPM 데이터시트(PDF) 3 Page - TRACO Electronic AG

부품명 TMP-TMPM
상세설명  TMP & TMPM Series, 4 to 60 Watt
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRACOPOWER [TRACO Electronic AG]
홈페이지  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TMP-TMPM 데이터시트(HTML) 3 Page - TRACO Electronic AG

  TMP-TMPM Datasheet HTML 1Page - TRACO Electronic AG TMP-TMPM Datasheet HTML 2Page - TRACO Electronic AG TMP-TMPM Datasheet HTML 3Page - TRACO Electronic AG TMP-TMPM Datasheet HTML 4Page - TRACO Electronic AG TMP-TMPM Datasheet HTML 5Page - TRACO Electronic AG TMP-TMPM Datasheet HTML 6Page - TRACO Electronic AG TMP-TMPM Datasheet HTML 7Page - TRACO Electronic AG TMP-TMPM Datasheet HTML 8Page - TRACO Electronic AG TMP-TMPM Datasheet HTML 9Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.tracopower.com
Page 3 of 9
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Max. capacitive load [µF]
Model series
Output:
TMPM 04
TMP 07
TMPM 10
TMP 10
TMP 15
TMP 30
TMP 60
Single output
models:
3.3 VDC
1200
2200
2200
3900
-
-
-
5.0 / 5.1 VDC
800
2200
2200
3300
3900
8000
8000
9.0 VDC
440
-
-
-
-
-
-
12 / 15 VDC
260
1000
1000
2200
2200
3900
3900
24 VDC
160
680
680
1000
1000
1500
1500
36 VDC
-
-
-
-
-
-
1000
48 VDC
-
-
-
-
680
1000
800
Dual output
models:
3.3 / 5.0 VDC
4700
-
-
-
2000
3900
-
+12 / –12 / +15 / –15 VDC
260
-
-
1000
1500
1500
-
Triple output
models:
3.3 / 5.0 VDC
-
-
-
-
2200
2200
-
+12 / –12 / +15 / –15 VDC
-
-
-
-
1500
1500
-
Input Specifications
Input voltage
– nominal
100 – 240 VAC
– AC range (universal input)
85 – 264 VAC
– DC range
120 – 370 VDC
Input frequency
– nominal
50 / 60 Hz
– range
4 – 30 W models:
47 – 440 Hz
60 W models:
47 – 63 Hz
Input current at full load
– 115 VAC / 230 VAC input
4 W models:
80 mA / 55 mA typ.
7 W models:
150 mA / 100 mA typ.
10 W models:
200 mA / 130 mA typ.
15 W models:
300 mA / 190 mA typ.
30 W models:
550 mA / 330 mA typ.
60 W models:
1050 mA / 670 mA typ.
Recommended external input fuse
4 W models:
1.0 A slow blow
7 – 15 W models:
2.0 A slow blow
30 W models:
3.5 A slow blow
60 W models:
6.3 A slow blow
Output Specifications
Voltage set accuracy
±2 % max.
Regulation
– Input variation Output 1
1 % max.
– Input variation Output 2/3
3 % max.
– Load variation
TMPM 04103 model (0–100%):
1.5 % max.
single and floating outputs (10–100%):
1 % max. (0–100% for TMPM 04 models)
common ground outputs balanced load (10–100%):
2.5 % max.
common ground outputs unbalanced load (20/90%):
5.0 % max.
Minimum load
TMPM 04 single and sym.dual models:
not required
TMPM 04 asym. dual models:
25% per output
single and dual output models:
10 % of rated max. current
triple output models main output:
10 % of rated max. current
triple output models auxiliary outputs:
20 % of rated max. current
operation at lower load condition will not
damage these power supplies, however, they
may not meet all listed specifications.
Ripple and noise (20MHz bandwidth)
3.3 VDC & 5.0 VDC outputs:
1.8 % of Vout [mVp-p]
other outputs:
1.0 % of Vout [mVp-p]
Overload protection by current limit
105 % min. of Inom, fold back, automatic
recovery (long term overload condition may
cause damage to the power supply)
Overvoltage protection by Zener diode (main output only)
120 % of Vout typ.
Start-up time
400 ms typ.
Hold-up time
20 ms typ.
AC/DC Power Modules
TMP & TMPM Series
4 to 60 Watt



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com