전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC8270VR 데이터시트(PDF) 49 Page - NXP Semiconductors

부품명 MPC8270VR
상세설명  PowerQUICC II Family Hardware Specifications
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8270VR 데이터시트(HTML) 49 Page - NXP Semiconductors

Back Button MPC8270VR Datasheet HTML 45Page - NXP Semiconductors MPC8270VR Datasheet HTML 46Page - NXP Semiconductors MPC8270VR Datasheet HTML 47Page - NXP Semiconductors MPC8270VR Datasheet HTML 48Page - NXP Semiconductors MPC8270VR Datasheet HTML 49Page - NXP Semiconductors MPC8270VR Datasheet HTML 50Page - NXP Semiconductors MPC8270VR Datasheet HTML 51Page - NXP Semiconductors MPC8270VR Datasheet HTML 52Page - NXP Semiconductors MPC8270VR Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 83 page
background image
MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2
Freescale Semiconductor
49
Pinout
D18
D15
D19
C13
D20
B11
D21
A8
D22
A5
D23
C5
D24
C19
D25
C17
D26
C15
D27
D13
D28
C11
D29
B8
D30
A4
D31
E6
D32
E18
D33
B17
D34
A15
D35
A12
D36
D11
D37
C8
D38
E7
D39
A3
D40
D18
D41
A17
D42
A14
D43
B12
D44
A10
D45
D8
D46
B6
D47
C4
D48
C18
D49
E16
D50
B14
Table 23. MPC8280 and MPC8270 (ZU and VV Packages) Pinout List (continued)
Pin Name
Ball
MPC8280/MPC8270
MPC8280 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83