전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC8270VR 데이터시트(PDF) 65 Page - NXP Semiconductors

부품명 MPC8270VR
상세설명  PowerQUICC II Family Hardware Specifications
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8270VR 데이터시트(HTML) 65 Page - NXP Semiconductors

Back Button MPC8270VR Datasheet HTML 61Page - NXP Semiconductors MPC8270VR Datasheet HTML 62Page - NXP Semiconductors MPC8270VR Datasheet HTML 63Page - NXP Semiconductors MPC8270VR Datasheet HTML 64Page - NXP Semiconductors MPC8270VR Datasheet HTML 65Page - NXP Semiconductors MPC8270VR Datasheet HTML 66Page - NXP Semiconductors MPC8270VR Datasheet HTML 67Page - NXP Semiconductors MPC8270VR Datasheet HTML 68Page - NXP Semiconductors MPC8270VR Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 83 page
background image
MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2
Freescale Semiconductor
65
Pinout
D53
J2
D54
H5
D55
F3
D56
V3
D57
R5
D58
R2
D59
N5
D60
L2
D61
J3
D62
H1
D63
F4
DP0/RSRV/EXT_BR2
AB3
IRQ1/DP1/EXT_BG2
W5
IRQ2/DP2/TLBISYNC/EXT_DBG2
AC2
IRQ3/DP3/CKSTP_OUT/EXT_BR3
AA3
IRQ4/DP4/CORE_SRESET/EXT_BG3
AD1
IRQ5/CINT/DP5/TBEN/EXT_DBG3
AC1
IRQ6/DP6/CSE0
AB2
IRQ7/DP7/CSE1
Y3
PSDVAL
D15
TA
Y4
TEA
D16
GBL/IRQ1
E15
CI/BADDR29/IRQ2
D14
WT/BADDR30/IRQ3
E14
L2_HIT/IRQ4
A17
CPU_BG/BADDR31/IRQ5/CINT
B14
CPU_DBG
F13
CPU_BR
B17
CS0
AC6
CS1
AD6
CS2
AE6
CS3
AB7
Table 25. MPC8275 and MPC8270 (VR and ZQ Packages) Pinout List (continued)
Pin Name
Ball
MPC8275/MPC8270
MPC8275 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83