| 전자부품 데이터시트 검색엔진 |
|
MPC8280CVRFX 데이터시트(PDF) 54 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8280CVRFX 데이터시트(HTML) 54 Page - NXP Semiconductors |
|
54 / 83 page ![]() MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2 54 Freescale Semiconductor Pinout TDO AF5 TRIS AB4 PORESET1 AG6 HRESET AH5 SRESET AF6 QREQ AA3 RSTCONF AJ4 MODCK1/AP1/TC0/BNKSEL0 W2 MODCK2/AP2/TC1/BNKSEL1 W3 MODCK3/AP3/TC2/BNKSEL2 W4 CLKIN1 AH4 PA0/RESTART1/DREQ3 FCC2_UTM_TXADDR2 AC292 PA1/REJECT1/DONE3 FCC2_UTM_TXADDR1 AC252 PA2/CLK20/DACK3 FCC2_UTM_TXADDR0 AE282 PA3/CLK19/DACK4/L1RXD1A2 FCC2_UTM_RXADDR0 AG292 PA4/REJECT2/DONE4 FCC2_UTM_RXADDR1 AG282 PA5/RESTART2/DREQ4 FCC2_UTM_RXADDR2/FCC1_UT_RXPRT Y AG262 PA6/FCC2_RXADDR3 L1RSYNCA1 AE242 PA7/SMSYN2/FCC2_TXADDR3 L1TSYNCA1/L1GNTA1 AH252 PA8/SMRXD2/FCC2_TXADDR4 L1RXD0A1/L1RXDA1 AF232 PA9/SMTXD2 L1TXD0A1 AH232 PA10/MSNUM5 FCC1_UT8_RXD0/FCC1_UT16_RXD8 AE222 PA11/MSNUM4 FCC1_UT8_RXD1/FCC1_UT16_RXD9 AH222 PA12/MSNUM3 FCC1_UT8_RXD2/ FCC1_UT16_RXD10 AJ212 PA13/MSNUM2 FCC1_UT8_RXD3/ FCC1_UT16_RXD11 AH202 PA14/FCC1_MII_HDLC_RXD3 FCC1_UT8_RXD4/ FCC1_UT16_RXD12 AG192 PA15/FCC1_MII_HDLC_RXD2 FCC1_UT8_RXD5/ FCC1_UT16_RXD13 AF182 PA16/FCC1_MII_HDLC_RXD1/ FCCI_RMII_RXD1 FCC1_UT8_RXD6/ FCC1_UT16_RXD14 AF172 Table 23. MPC8280 and MPC8270 (ZU and VV Packages) Pinout List (continued) Pin Name Ball MPC8280/MPC8270 MPC8280 only |