| 전자부품 데이터시트 검색엔진 |
|
MPC8280CVRFX 데이터시트(PDF) 64 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8280CVRFX 데이터시트(HTML) 64 Page - NXP Semiconductors |
|
64 / 83 page ![]() MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2 64 Freescale Semiconductor Pinout D20 M2 D21 K2 D22 J1 D23 G4 D24 U5 D25 T5 D26 P5 D27 P3 D28 M3 D29 K3 D30 H2 D31 G5 D32 AA1 D33 V2 D34 U1 D35 P2 D36 M4 D37 K4 D38 H3 D39 F2 D40 Y2 D41 U3 D42 T2 D43 N2 D44 M5 D45 K1 D46 H4 D47 F1 D48 W2 D49 T4 D50 R3 D51 N4 D52 M1 Table 25. MPC8275 and MPC8270 (VR and ZQ Packages) Pinout List (continued) Pin Name Ball MPC8275/MPC8270 MPC8275 only |