전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP970X 데이터시트(PDF) 12 Page - Microchip Technology

부품명 MCP970X
상세설명  Low-Power Linear Active Thermistor ICs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP970X 데이터시트(HTML) 12 Page - Microchip Technology

Back Button MCP970X Datasheet HTML 8Page - Microchip Technology MCP970X Datasheet HTML 9Page - Microchip Technology MCP970X Datasheet HTML 10Page - Microchip Technology MCP970X Datasheet HTML 11Page - Microchip Technology MCP970X Datasheet HTML 12Page - Microchip Technology MCP970X Datasheet HTML 13Page - Microchip Technology MCP970X Datasheet HTML 14Page - Microchip Technology MCP970X Datasheet HTML 15Page - Microchip Technology MCP970X Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
MCP970X
DS20001942J-page 12
 2005-2022 Microchip Technology Inc. and its subsidiaries
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
5-Lead SC70
Example
XXNN
Device
Code
MCP9700T-E/LT
AUNN
MCP9700AT-E/LT
AXNN
MCP9700T-H/LT
BCNN
MCP9701T-E/LT
AVNN
MCP9701AT-E/LT
AYNN
MCP9700BT-E/LT
KANN
MCP9700BT-H/LT
BONN
Note: Applies to 5-Lead SC70.
BC25
3-Lead TO-92
3-Lead SOT-23
Example
Device
Code
MCP9700T-E/TT
AENN
MCP9700AT-E/TT
AFNN
MCP9700T-H/TT
AGNN
MCP9701T-E/TT
AMNN
MCP9701AT-E/TT
APNN
MCP9700BT-E/TT
KBNN
MCP9700BT-H/TT
KCNN
Note: Applies to 3-Lead SOT-23.
XXNN
AE25
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
XXXXXX
XXXXXX
XXXXXX
YWWNNN
Example
MCP
9700E
TO
614256
3
e
Device
MCP9700-E/TO
MCP9700A-E/TO
MCP9701-E/TO
MCP9701A-E/TO
Note: Applies to 3-Lead TO-92.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26