| 전자부품 데이터시트 검색엔진 |
|
68HC705SP7 데이터시트(PDF) 150 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
68HC705SP7 데이터시트(HTML) 150 Page - NXP Semiconductors |
|
150 / 230 page ![]() Core Timer General Release Specification MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0 Core Timer RTIE — Real-Time Interrupt Enable This read/write bit enables real-time interrupts. Reset clears RTIE. 1 = Real-time interrupts enabled 0 = Real-time interrupts disabled CTOFR — Core Timer Overflow Flag Reset Writing a logic one to this write-only bit clears the CTOF bit. CTOFR always reads as a logic zero. Reset does not affect CTOFR. 1 = Clear CTOF flag bit 0 = No effect on CTOF flag bit RTIFR — Real-Time Interrupt Flag Reset Writing a logic one to this write-only bit clears the RTIF bit. RTIFR always reads as a logic zero. Reset does not affect RTIFR. 1 = Clear RTIF flag bit 0 = No effect on RTIF flag bit RT1 and RT0 — Real-Time Interrupt Select Bits 1 and 0 These read/write bits select one of four real-time interrupt rates, as shown in Table 10-1. Because the selected RTI output drives the COP watchdog, changing the real -time interrupt rate also changes the counting rate of the COP watchdog. Reset sets RT1 and RT0, selecting the longest COP timeout period and longest real-time interrupt period. NOTE: Changing RT1 and RT0 when a COP timeout is imminent or uncertain may cause a real-time interrupt request to be missed or an additional real-time interrupt request to be generated. Clear the COP timer just before changing RT1 and RT0. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |