| 전자부품 데이터시트 검색엔진 |
|
68HC705SP7 데이터시트(PDF) 91 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
68HC705SP7 데이터시트(HTML) 91 Page - NXP Semiconductors |
|
91 / 230 page ![]() Parallel Input/Output Port B MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0 General Release Specification Parallel Input/Output Table 7-2. Port B Pin Functions — PB0:4 Port B Pin Control Bits PORTB Access (Pin or Data Register) Result on Port B Pins Comparator 1 Timer SWPDI in MOR Port B CMP1 COE1 OPT in MOR OLVL PDIBx DDRBx* Read Write Pulldown Pin PB0 PB1 PB2 PB3 XXXX 0 0 0 Pin Data On PBx In 0 1 0 Pin Data Off PBx In 1 X 0 Pin Data Off PBx In X X 1 Data Data Off PBx Out PB4 XXXX 0 0 0 Pin Data On PB4 In 0 1 0 Pin Data Off PB4 In 1 X 0 Pin Data Off PB4 In X X 0 0 X X 1 Data Data Off PB4 Out X 0 1 0 X X 1 Data Data Off PB4 Out 0110 X X 1 Data Data Off PB4 Out X X X 1 X X 1 1 Data Off 1 1 1 1 X X X 1 1 Data Off 1 * DDRB can always be read or written. X = Don’t Care Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |