전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

68HC705SP7 데이터시트(PDF) 37 Page - NXP Semiconductors

부품명 68HC705SP7
상세설명  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 데이터시트(HTML) 37 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 33Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 34Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 35Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 36Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 37Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 38Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 39Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 40Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 230 page
background image
Memory
EPROM
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Memory
2.7 EPROM
The EPROM is located in two areas of the memory map:
•
Addresses $0700–$1EFF contain 6144 bytes of user EPROM.
•
Addresses $1FF0–$1FFF contain 16 bytes of EPROM reserved
for user vectors and COP and security register, and the mask
option register.
2.8 COP Register
As shown in Figure 2-6, a register location is provided at $1FF0 to set
the EPROM security1, select the optional features, and reset the COP
watchdog timer. The OPT bit controls the function of the PB4 port pin
and the availability to add an offset to any measured analog voltages.
See 8.5 Analog Status Register for more information
1. No security feature is absolutely secure. However, Motorola’s strategy is to make reading or
copying the EPROM/OTPROM difficult for unauthorized users.
$1FF0
Bit 7
6
54321
Bit 0
Read:
EPMSEC
OPT
Write:
COPC
= Unimplemented
Figure 2-6. COP and Security Register (COPR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More