전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PQ012 데이터시트(PDF) 4 Page - Pico Technology Ltd.

부품명 PQ012
상세설명  Ultra-compact PC oscilloscopes
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PICO [Pico Technology Ltd.]
홈페이지  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ012 데이터시트(HTML) 4 Page - Pico Technology Ltd.

  PQ012 Datasheet HTML 1Page - Pico Technology Ltd. PQ012 Datasheet HTML 2Page - Pico Technology Ltd. PQ012 Datasheet HTML 3Page - Pico Technology Ltd. PQ012 Datasheet HTML 4Page - Pico Technology Ltd. PQ012 Datasheet HTML 5Page - Pico Technology Ltd. PQ012 Datasheet HTML 6Page - Pico Technology Ltd. PQ012 Datasheet HTML 7Page - Pico Technology Ltd. PQ012 Datasheet HTML 8Page - Pico Technology Ltd. PQ012 Datasheet HTML 9Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
PicoScope 2000 Series oscilloscopes
Deep capture memory
PicoScope 2000 Series ‘B’ models have waveform capture buffers ranging from 32 to 128 megasamples – many times larger than competing scopes. Deep memory enables the
capture of long-duration waveforms at maximum sampling speed. In fact, some PicoScope 2000 Series models can capture 100 ms waveforms with 1 ns resolution. In contrast, the
same 100 ms waveform captured by an oscilloscope with a 10 megasample memory would have just 10 ns resolution.
Deep memory can be useful in other ways too: PicoScope 6 lets you divide the capture memory into a number of segments, up to a maximum of 10 000. You can set up a trigger
condition to store a separate capture in each segment, with as little as 1 µs dead time between captures. Once you have acquired the data, you can step through the memory one
segment at a time until you find the event you are looking for.
Powerful tools are included to allow you to manage and examine all of this data. As well as functions such as mask limit testing and color persistence mode, the PicoScope 6
software enables you to zoom into your waveform by a factor of several million. The Zoom Overview window allows you to easily control the size and location of the zoom area.
Other tools, such as the waveform buffer, serial decoding and hardware acceleration work with the deep memory, making the PicoScope 2000 Series some of the best-value
oscilloscopes on the market.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27