전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PQ012 데이터시트(PDF) 6 Page - Pico Technology Ltd.

부품명 PQ012
상세설명  Ultra-compact PC oscilloscopes
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PICO [Pico Technology Ltd.]
홈페이지  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ012 데이터시트(HTML) 6 Page - Pico Technology Ltd.

Back Button PQ012 Datasheet HTML 2Page - Pico Technology Ltd. PQ012 Datasheet HTML 3Page - Pico Technology Ltd. PQ012 Datasheet HTML 4Page - Pico Technology Ltd. PQ012 Datasheet HTML 5Page - Pico Technology Ltd. PQ012 Datasheet HTML 6Page - Pico Technology Ltd. PQ012 Datasheet HTML 7Page - Pico Technology Ltd. PQ012 Datasheet HTML 8Page - Pico Technology Ltd. PQ012 Datasheet HTML 9Page - Pico Technology Ltd. PQ012 Datasheet HTML 10Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
PicoScope 2000 Series oscilloscopes
Oscilloscope controls: PicoScope’s
full analog-domain controls,
including zoom, filtering, and
function generator, are all available
in MSO digital signal mode.
Show by level: Group
bits into fields and
then display as an
analog level.
Split-screen display: PicoScope can display both
analog and digital signals at the same time. The split-
screen display can be adjusted to give more or less
space to the analog waveforms.
Analog waveforms:
View analog waveforms
time-correlated with
digital inputs.
Digital channels button: Set
up and display digital inputs.
View analog and digital
signals on the same timebase.
Mixed digital and analog signals
The PicoScope 2000 MSO models add 16 digital channels to their two analog channels, enabling you to accurately time-correlate analog and digital channels. You can group digital
channels together and display them as a bus, with each bus value displayed in hex, binary or decimal, or as a level (for DAC testing). You can set advanced triggers across both the
analog and digital channels.
The digital inputs also bring extra power to the serial decoding options. You can decode serial data on all analog and digital channels simultaneously, giving you up to 20 channels
of data – for example decoding multiple SPI, I²C, CAN bus, LIN bus and FlexRay signals all at the same time.
Display format:
Display selected bits
individually or as
groups in binary, hex,
or decimal format.
Advanced triggers:
Additional Digital
and Logic trigger
options are available
for digital channels.
Rulers: Drawn
across both analog
and digital panes so
signal timings can
be compared.
Rename: The digital
channels and groups
can be renamed.
You can expand or
collapse groups in
the digital view.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27