| 전자부품 데이터시트 검색엔진 |
|
VC16245ADGG 데이터시트(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
VC16245ADGG 데이터시트(HTML) 11 Page - NXP Semiconductors |
|
11 / 19 page ![]() 74LVC_LVCH16245A_8 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 08 — 6 November 2008 11 of 19 NXP Semiconductors 74LVC16245A; 74LVCH16245A 16-bit bus transceiver with direction pin; 5 V tolerant; 3-state Measurement points are given in Table 8. Logic levels: VOL and VOH are typical output voltage levels that occur with the output load. Fig 8. 3-state enable and disable times. mna362 tPLZ tPHZ outputs disabled outputs enabled VY VX outputs enabled output LOW-to-OFF OFF-to-LOW output HIGH-to-OFF OFF-to-HIGH nOE input VI VOL VOH VCC VM GND GND tPZL tPZH VM VM Table 8. Measurement points Supply voltage Input Output VCC VI VM VM VX VY 1.2 V VCC 0.5 × VCC 0.5 × VCC VOL + 0.1 V VOH − 0.1 V 2.7 V 2.7 V 1.5 V 1.5 V VOL + 0.3 V VOH − 0.3 V 3.0 V to 3.6 V 2.7 V 1.5 V 1.5 V VOL + 0.3 V VOH − 0.3 V |