| 전자부품 데이터시트 검색엔진 |
|
VC16245ADGG 데이터시트(PDF) 12 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
VC16245ADGG 데이터시트(HTML) 12 Page - NXP Semiconductors |
|
12 / 19 page ![]() 74LVC_LVCH16245A_8 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 08 — 6 November 2008 12 of 19 NXP Semiconductors 74LVC16245A; 74LVCH16245A 16-bit bus transceiver with direction pin; 5 V tolerant; 3-state [1] The circuit performs better when RL = 1 kΩ, Test data is given in Table 9. Definitions for test circuit: RL = Load resistance. CL = Load capacitance including jig and probe capacitance. RT = Termination resistance should be equal to output impedance Zo of the pulse generator. VEXT = External voltage for measuring switching times. Fig 9. Load circuit for measuring switching times VM VM tW tW 10 % 90 % 0 V VI VI negative pulse positive pulse 0 V VM VM 90 % 10 % tf tr tr tf 001aae331 VEXT VCC VI VO DUT CL RT RL RL G Table 9. Test data Supply voltage Input Load VEXT VI tr, tf CL RL tPLH, tPHL tPLZ, tPZL tPHZ, tPZH 1.2 V VCC ≤ 2.5 ns 50 pF 500 Ω open 2 × VCC GND 2.7 V 2.7 V ≤ 2.5 ns 50 pF 500 Ω open 2 × VCC GND 3.0 V to 3.6 V 2.7 V ≤ 2.5 ns 50 pF 500 Ω open 2 × VCC GND |