전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M29F032D70N1 데이터시트(PDF) 28 Page - STMicroelectronics

부품명 M29F032D70N1
상세설명  32 Mbit (4Mb x8, Uniform Block) 5V Supply Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F032D70N1 데이터시트(HTML) 28 Page - STMicroelectronics

Back Button M29F032D70N1 Datasheet HTML 24Page - STMicroelectronics M29F032D70N1 Datasheet HTML 25Page - STMicroelectronics M29F032D70N1 Datasheet HTML 26Page - STMicroelectronics M29F032D70N1 Datasheet HTML 27Page - STMicroelectronics M29F032D70N1 Datasheet HTML 28Page - STMicroelectronics M29F032D70N1 Datasheet HTML 29Page - STMicroelectronics M29F032D70N1 Datasheet HTML 30Page - STMicroelectronics M29F032D70N1 Datasheet HTML 31Page - STMicroelectronics M29F032D70N1 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
M29F032D
28/35
Table 20. Device Geometry Definition
Address
Data
Description
Value
27h
16h
Device Size = 2n in number of bytes
4 MByte
28h
29h
00h
00h
Flash Device Interface Code description
x8 only
Async.
2Ah
2Bh
00h
00h
Maximum number of bytes in multi-byte program or page = 2n
NA
2Ch
01h
Number of Erase Block Regions within the device.
It specifies the number of regions within the device containing contiguous
Erase Blocks of the same size.
1
2Dh
2Eh
3Fh
00h
Region 1 Information
Number of identical size erase block = 003Fh+1
64
2Fh
30h
00h
01h
Region 1 Information
Block size in Region 1 = 0100h * 256 byte
64 Kbyte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com