전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M29F032D70N1 데이터시트(PDF) 29 Page - STMicroelectronics

부품명 M29F032D70N1
상세설명  32 Mbit (4Mb x8, Uniform Block) 5V Supply Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F032D70N1 데이터시트(HTML) 29 Page - STMicroelectronics

Back Button M29F032D70N1 Datasheet HTML 25Page - STMicroelectronics M29F032D70N1 Datasheet HTML 26Page - STMicroelectronics M29F032D70N1 Datasheet HTML 27Page - STMicroelectronics M29F032D70N1 Datasheet HTML 28Page - STMicroelectronics M29F032D70N1 Datasheet HTML 29Page - STMicroelectronics M29F032D70N1 Datasheet HTML 30Page - STMicroelectronics M29F032D70N1 Datasheet HTML 31Page - STMicroelectronics M29F032D70N1 Datasheet HTML 32Page - STMicroelectronics M29F032D70N1 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
29/35
M29F032D
Table 21. Primary Algorithm-Specific Extended Query Table
Table 22. Security Code Area
Address
Data
Description
Value
40h
50h
Primary Algorithm extended Query table unique ASCII string “PRI”
"P"
41h
52h
"R"
42h
49h
"I"
43h
31h
Major version number, ASCII
"1"
44h
30h
Minor version number, ASCII
"0"
45h
00h
Address Sensitive Unlock (bits 1 to 0)
00 = required, 01= not required
Silicon Revision Number (bits 7 to 2)
Yes
46h
02h
Erase Suspend
00 = not supported, 01 = Read only, 02 = Read and Write
2
47h
04h
Block Protection
00 = not supported, x = number of blocks per group
4
48h
01h
Temporary Block Unprotect
00 = not supported, 01 = supported
yes
49h
04h
Block Protect /Unprotect
04 = M29W400B mode
4
4Ah
00h
Simultaneous Operations, 00 = not supported
No
4Bh
00h
Burst Mode, 00 = not supported, 01 = supported
No
4Ch
00h
Page Mode, 00 = not supported, 01 = 4 page word, 02 = 8 page word
No
Address
Data
Description
61h
XX
64 bit: unique device number
62h
XX
63h
XX
64h
XX
65h
XX
66h
XX
67h
XX
68h
XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com