| 전자부품 데이터시트 검색엔진 |
|
2PD601ART-QR 데이터시트(PDF) 1 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
2PD601ART-QR 데이터시트(HTML) 1 Page - Nexperia B.V. All rights reserved |
|
1 / 10 page ![]() 2PD601ART 50 V, 100 mA NPN general-purpose transistor 1 January 2023 Product data sheet 1. General description NPN general-purpose transistor in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package. PNP complement: 2PB709ART 2. Features and benefits • General-purpose transistor • Small SMD plastic package 3. Applications • General-purpose switching and amplification 4. Quick reference data Table 1. Quick reference data Symbol Parameter Conditions Min Typ Max Unit VCEO collector-emitter voltage open base - - 50 V IC collector current - - 100 mA hFE DC current gain VCE = 10 V; IC = 2 mA; Tamb = 25 °C 210 - 340 |
유사한 부품 번호 - 2PD601ART-QR |
|
유사한 설명 - 2PD601ART-QR |