전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2PD601ART-QR 데이터시트(PDF) 2 Page - Nexperia B.V. All rights reserved

부품명 2PD601ART-QR
상세설명  50 V, 100 mA NPN general-purpose transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

2PD601ART-QR 데이터시트(HTML) 2 Page - Nexperia B.V. All rights reserved

  2PD601ART-QR Datasheet HTML 1Page - Nexperia B.V. All rights reserved 2PD601ART-QR Datasheet HTML 2Page - Nexperia B.V. All rights reserved 2PD601ART-QR Datasheet HTML 3Page - Nexperia B.V. All rights reserved 2PD601ART-QR Datasheet HTML 4Page - Nexperia B.V. All rights reserved 2PD601ART-QR Datasheet HTML 5Page - Nexperia B.V. All rights reserved 2PD601ART-QR Datasheet HTML 6Page - Nexperia B.V. All rights reserved 2PD601ART-QR Datasheet HTML 7Page - Nexperia B.V. All rights reserved 2PD601ART-QR Datasheet HTML 8Page - Nexperia B.V. All rights reserved 2PD601ART-QR Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Nexperia
2PD601ART
50 V, 100 mA NPN general-purpose transistor
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
B
base
2
E
emitter
3
C
collector
1
2
3
SOT23
sym021
C
E
B
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
2PD601ART
SOT23
plastic, surface-mounted package; 3 terminals; 1.9 mm
pitch; 2.9 mm x 1.3 mm x 1 mm body
SOT23
7. Marking
Table 4. Marking codes
Type number
Marking code[1]
2PD601ART
C3%
[1] % = placeholder for manufacturing site code
2PD601ART
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
1 January 2023
2 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10