전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC5753-T2 데이터시트(PDF) 14 Page - Renesas Technology Corp

부품명 2SC5753-T2
상세설명  NPN SILICON RF TRANSISTOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5753-T2 데이터시트(HTML) 14 Page - Renesas Technology Corp

Back Button 2SC5753-T2 Datasheet HTML 10Page - Renesas Technology Corp 2SC5753-T2 Datasheet HTML 11Page - Renesas Technology Corp 2SC5753-T2 Datasheet HTML 12Page - Renesas Technology Corp 2SC5753-T2 Datasheet HTML 13Page - Renesas Technology Corp 2SC5753-T2 Datasheet HTML 14Page - Renesas Technology Corp 2SC5753-T2 Datasheet HTML 15Page - Renesas Technology Corp 2SC5753-T2 Datasheet HTML 16Page - Renesas Technology Corp 2SC5753-T2 Datasheet HTML 17Page - Renesas Technology Corp 2SC5753-T2 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Data Sheet P15659EJ1V0DS
12
2SC5753
VCE = 3 V, IC = 20 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
K
MAG/MSG
(GHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
(dB)
(deg.)
(deg.)
(deg.)
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
0.610
0.594
0.582
0.571
0.568
0.568
0.570
0.572
0.577
0.580
0.587
0.588
0.597
0.600
0.609
0.615
0.622
0.627
0.633
0.637
0.647
0.652
0.654
0.661
0.669
0.673
0.681
0.690
0.698
0.695
0.742
−55.9
−95.5
−121.8
−138.1
−149.8
−159.1
−166.4
−172.4
−177.6
177.3
173.1
169.2
165.7
162.2
158.9
155.8
153.2
150.4
147.6
145.1
142.7
140.4
138.2
136.1
134.0
132.0
129.9
128.0
126.6
124.3
107.1
34.181
25.762
19.844
15.813
13.058
11.068
9.596
8.436
7.564
6.829
6.229
5.712
5.260
4.873
4.542
4.241
3.994
3.752
3.533
3.337
3.173
3.007
2.871
2.741
2.630
2.516
2.414
2.311
2.219
2.152
1.524
148.7
126.9
113.1
104.3
97.2
91.9
87.1
83.0
79.1
75.5
72.2
69.1
65.8
62.8
59.9
57.1
54.4
51.7
48.9
46.1
43.4
41.0
38.3
35.6
33.1
30.8
28.2
25.6
23.2
21.1
0.8
0.019
0.030
0.035
0.039
0.042
0.045
0.047
0.050
0.053
0.056
0.059
0.062
0.065
0.068
0.071
0.074
0.077
0.080
0.084
0.087
0.090
0.094
0.097
0.100
0.103
0.107
0.111
0.114
0.116
0.118
0.140
62.1
51.6
45.1
42.0
40.8
40.3
41.0
41.8
42.3
42.7
43.1
43.5
43.5
43.6
43.8
43.5
43.5
43.2
42.6
42.3
42.0
41.7
41.4
41.0
40.4
39.7
39.3
38.1
36.5
36.0
27.9
0.853
0.661
0.522
0.426
0.362
0.317
0.286
0.265
0.250
0.241
0.236
0.234
0.232
0.233
0.235
0.236
0.242
0.245
0.255
0.260
0.270
0.277
0.288
0.295
0.305
0.311
0.324
0.332
0.338
0.338
0.406
−31.8
−53.8
−67.9
−78.4
−85.9
−92.9
−98.5
−104.5
−109.5
−114.9
−118.9
−123.9
−127.2
−131.6
−134.4
−138.6
−141.6
−145.3
−148.2
−151.1
−153.7
−156.2
−158.2
−160.5
−162.2
−164.2
−166.3
−169.0
−171.5
−173.8
166.3
0.209
0.289
0.396
0.511
0.610
0.699
0.772
0.841
0.887
0.931
0.964
1.000
1.020
1.048
1.058
1.074
1.081
1.097
1.102
1.115
1.106
1.111
1.116
1.113
1.103
1.101
1.085
1.073
1.071
1.098
1.114
32.56
29.37
27.48
26.04
24.92
23.95
23.07
22.28
21.56
20.87
20.27
19.53
18.24
17.23
16.59
15.91
15.41
14.80
14.31
13.79
13.49
13.04
12.66
12.34
12.12
11.78
11.62
11.41
11.19
10.72
8.32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22