전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VSC8541-01 데이터시트(PDF) 31 Page - Microsemi Corporation

부품명 VSC8541-01
상세설명  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8541-01 데이터시트(HTML) 31 Page - Microsemi Corporation

Back Button VSC8541-01 Datasheet HTML 27Page - Microsemi Corporation VSC8541-01 Datasheet HTML 28Page - Microsemi Corporation VSC8541-01 Datasheet HTML 29Page - Microsemi Corporation VSC8541-01 Datasheet HTML 30Page - Microsemi Corporation VSC8541-01 Datasheet HTML 31Page - Microsemi Corporation VSC8541-01 Datasheet HTML 32Page - Microsemi Corporation VSC8541-01 Datasheet HTML 33Page - Microsemi Corporation VSC8541-01 Datasheet HTML 34Page - Microsemi Corporation VSC8541-01 Datasheet HTML 35Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 100 page
background image
Functional Descriptions
VMDS-10496 VSC8541-01 Datasheet Revision 4.2
21
The following table provides a summary of the LED modes and functions. The modes listed are
equivalent to the setting used in register 29 to configure each LED pin.
3.11.2
Basic Serial LED Mode
The VSC8541-01 device can be configured so that access to all its LED signals is available through two
pins. This option is enabled by setting LED0 to serial LED mode in register 29, bits 3:0 to 0xD. When
Table 14 •
LED Mode and Function Summary
Mode Function Name
LED State and Description
0
Link/Activity
1: No link in any speed on any media interface.
0: Valid link at any speed on any media interface.
Blink or pulse-stretch = Valid link at any speed on any media interface with activity
present.
1
Link1000/Activity
1: No link in 1000BASE-T.
0: Valid 1000BASE-T.
Blink or pulse-stretch = Valid 1000BASE-T link with activity present.
2
Link100/Activity
1: No link in 100BASE-TX.
0: Valid 100BASE-TX.
Blink or pulse-stretch = Valid 100BASE-TX link with activity present.
3
Link10/Activity
1: No link in 10BASE-T.
0: Valid 10BASE-T link.
Blink or pulse-stretch = Valid 10BASE-T link with activity present.
4
Link100/1000/Activity 1: No link in 100BASE-TX or 1000BASE-T.
0: Valid 100BASE-TX or 1000BASE-T link. Blink or pulse-stretch = Valid
100BASE-TX or 1000BASE-T link with activity present.
5
Link10/1000/Activity
1: No link in 10BASE-T or 1000BASE-T.
0: Valid 10BASE-T or 1000BASE-T link.
Blink or pulse-stretch = Valid 10BASE-T or 1000BASE-T link with activity present.
6
Link10/100/Activity
1: No link in 10BASE-T or 100BASE-TX.
0: Valid 10BASE-T or 100BASE-TX link.
Blink or pulse-stretch = Valid 10BASE-T or 100BASE-TX link with activity present.
7
Reserved
Reserved.
8
Duplex/Collision
1: Link established in half-duplex mode, or no link established.
0: Link established in full-duplex mode.
Blink or pulse-stretch = Link established in half-duplex mode but collisions are
present.
9
Collision
1: No collision detected.
Blink or pulse-stretch = Collision detected.
10
Activity
1: No activity present.
Blink or pulse-stretch = Activity present (becomes TX activity present when register
bit 30.14 is set to 1).
11
Reserved
Reserved.
12
Autonegotiation Fault 1: No auto-negotiation fault present.
0: Auto-negotiation fault occurred.
13
Serial Mode
Serial stream. See Basic Serial LED Mode, page 21. Only relevant on PHY port 0.
Reserved in others.
14
Force LED Off
1: De-asserts the LED1.
1.
Setting this mode suppresses LED blinking after reset.
15
Force LED On
0: Asserts the LED1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com