전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VSC8541-01 데이터시트(PDF) 97 Page - Microsemi Corporation

부품명 VSC8541-01
상세설명  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8541-01 데이터시트(HTML) 97 Page - Microsemi Corporation

Back Button VSC8541-01 Datasheet HTML 92Page - Microsemi Corporation VSC8541-01 Datasheet HTML 93Page - Microsemi Corporation VSC8541-01 Datasheet HTML 94Page - Microsemi Corporation VSC8541-01 Datasheet HTML 95Page - Microsemi Corporation VSC8541-01 Datasheet HTML 96Page - Microsemi Corporation VSC8541-01 Datasheet HTML 97Page - Microsemi Corporation VSC8541-01 Datasheet HTML 98Page - Microsemi Corporation VSC8541-01 Datasheet HTML 99Page - Microsemi Corporation VSC8541-01 Datasheet HTML 100Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 97 / 100 page
background image
Package Information
VMDS-10496 VSC8541-01 Datasheet Revision 4.2
87
PCB). For more information about the thermal measurement method used for this device, see the
JESD51-1 standard.
To achieve results similar to the modeled thermal measurements, the guidelines for board design
described in the JESD51 family of publications must be applied. For information about applications using
QFN packages, see the following:
•
JESD51-2A, Integrated Circuits Thermal Test Method Environmental Conditions, Natural Convection
(Still Air)
•
JESD51-6, Integrated Circuit Thermal Test Method Environmental Conditions, Forced Convection
(Moving Air)
•
JESD51-8, Integrated Circuit Thermal Test Method Environmental Conditions, Junction-to-Board
•
JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-5, Extension of Thermal Test Board Standards for Packages with Direct Thermal
Attachment Mechanisms
7.3
Moisture Sensitivity
This device is rated moisture sensitivity level 3 or better as specified in the joint IPC and JEDEC standard
IPC/JEDEC J-STD-020. For more information, see the IPC and JEDEC standard.
Table 118 •
Thermal Resistances
Symbol
°C/W
Parameter
θJCtop
19.3
Die junction to package case top
θJB
6.6
Die junction to printed circuit board
θJA
26.6
Die junction to ambient
θJMA at 1 m/s
20.0
Die junction to moving air measured at an air speed of 1 m/s
θJMA at 2 m/s
19.0
Die junction to moving air measured at an air speed of 2 m/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com