전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMA040AA 데이터시트(PDF) 21 Page - Microsemi Corporation

부품명 MMA040AA
상세설명  DC–28 GHz GaAs MMIC Distributed Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MMA040AA 데이터시트(HTML) 21 Page - Microsemi Corporation

Back Button MMA040AA Datasheet HTML 14Page - Microsemi Corporation MMA040AA Datasheet HTML 15Page - Microsemi Corporation MMA040AA Datasheet HTML 16Page - Microsemi Corporation MMA040AA Datasheet HTML 17Page - Microsemi Corporation MMA040AA Datasheet HTML 18Page - Microsemi Corporation MMA040AA Datasheet HTML 19Page - Microsemi Corporation MMA040AA Datasheet HTML 20Page - Microsemi Corporation MMA040AA Datasheet HTML 21Page - Microsemi Corporation MMA040AA Datasheet HTML 22Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
DC–28 GHz GaAs MMIC Distributed Amplifier
21
5 Handling and Die Attachment Recommendations
Gallium arsenide integrated circuits are sensitive to electrostatic discharge (ESD) and can be
damaged by static electricity. It is recommended to follow all procedures and guidelines outlined in
the Microsemi application note AN01 GaAs MMIC Handling and Die Attach Recommendations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22