| 전자부품 데이터시트 검색엔진 |
|
STM32U595QJ 데이터시트(PDF) 117 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U595QJ 데이터시트(HTML) 117 Page - STMicroelectronics |
|
117 / 377 page ![]() 14 22 J2 33 T10 W11 K3 N22 N4 14 23 J2 34 K3 PA0 I/O FT_hat - TIM2_CH1, TIM5_CH1, TIM8_ETR, SPI3_RDY, USART2_CTS, UART4_TX, OCTOSPIM_P2_NCS, SDMMC2_CMD, AUDIOCLK, TIM2_ETR, EVENTOUT OPAMP1 _VINP, ADC1_IN5, ADC2_IN5, WKUP1, TAMP_IN2/T AMP_OUT1 - - H3 - - - M1 - R3 - - H3 - M1 OPAMP1_V INM ITT - - - 15 23 G4 34 W11 V10 L3 L16 P3 15 24 G4 35 L3 PA1 I/O FT_hat - LPTIM1_CH2, TIM2_CH2, TIM5_CH2, I2C1_SMBA, SPI1_SCK, USART2_RTS_DE, UART4_RX, OCTOSPIM_P1_DQS, LPGPIO1_P0, TIM15_CH1N, EVENTOUT OPAMP1 _VINM, ADC1_IN6, ADC2_IN6, WKUP3, TAMP_IN5/ TAMP_OUT4 Table 26. STM32U59xxx pin/ball definitions(1) (continued) (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |