| 전자부품 데이터시트 검색엔진 |
|
STM32U595QJ 데이터시트(PDF) 118 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U595QJ 데이터시트(HTML) 118 Page - STMicroelectronics |
|
118 / 377 page ![]() 16 24 K2 35 R9 R9 M2 M17 M4 16 25 K2 36 M2 PA2 I/O FT_ha - TIM2_CH3, TIM5_CH3, SPI1_RDY, USART2_TX(boot), LPUART1_TX, OCTOSPIM_P1_NCS, UCPD1_FRSTX1, TIM15_CH1, EVENTOUT COMP1 _INP3, ADC1_IN7, ADC2_IN7, WKUP4/ LSCO 17 25 L1 36 V10 N9 N2 P23 P4 17 26 L1 37 N2 PA3 I/O TT_hav - TIM2_CH4, TIM5_CH4, SAI1_CK1, USART2_RX(boot), LPUART1_RX, OCTOSPIM_P1_CLK, LPGPIO1_P1, SAI1_MCLK_A, TIM15_CH2, EVENTOUT OPAMP1 _VOUT, ADC1_IN8, ADC2_IN8, WKUP5 18 26 G7 37 AC13 AB10 M3 B23 E10 18 27 G7 38 M3 VSS S - - - - 19 27 G6 38 AB12 A3 N3 T25 F8 19 28 G6 39 N3 VDD S - - - - 20 28 L3 39 P8 M8 N1 N20 M5 20 29 L3 40 N1 PA4 I/O TT_ha - OCTOSPIM_P1_NCS, SPI1_NSS(boot), SPI3_NSS, USART2_CK, DCMI_HSYNC/PSSI_D E, SAI1_FS_B, LPTIM2_CH1, EVENTOUT ADC1_IN9, ADC2_IN9, ADC4_IN9, DAC1_OUT1 , WKUP2 Table 26. STM32U59xxx pin/ball definitions(1) (continued) (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |