전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32U595QJ 데이터시트(PDF) 125 Page - STMicroelectronics

부품명 STM32U595QJ
상세설명  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595QJ 데이터시트(HTML) 125 Page - STMicroelectronics

Back Button STM32U595QJ Datasheet HTML 121Page - STMicroelectronics STM32U595QJ Datasheet HTML 122Page - STMicroelectronics STM32U595QJ Datasheet HTML 123Page - STMicroelectronics STM32U595QJ Datasheet HTML 124Page - STMicroelectronics STM32U595QJ Datasheet HTML 125Page - STMicroelectronics STM32U595QJ Datasheet HTML 126Page - STMicroelectronics STM32U595QJ Datasheet HTML 127Page - STMicroelectronics STM32U595QJ Datasheet HTML 128Page - STMicroelectronics STM32U595QJ Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 377 page
background image
-
40
J8
62
V4
Y6
N8
R14 N11
-
43
J8
65
N8
PE12
I/O
FT_ha
-
TIM1_CH3N,
SPI1_NSS,
MDF1_SDI5, LCD_G5,
TSC_G5_IO3,
OCTOSPIM_P1_IO0,
FMC_D9, EVENTOUT
-
-
41
M8
63
Y4
AB6
L8
N12 M9
-
44
M8
66
L8
PE13
I/O
FT_ha
-
TIM1_CH3, SPI1_SCK,
MDF1_CKI5, LCD_G6,
TSC_G5_IO4,
OCTOSPIM_P1_IO1,
FMC_D10, EVENTOUT
-
-
42
K8
64
AB6
P4
K8
P13 R10
-
45
K8
67
K8
PE14
I/O
FT_h
-
TIM1_CH4,
TIM1_BKIN2,
SPI1_MISO, LCD_G7,
OCTOSPIM_P1_IO2,
FMC_D11, EVENTOUT
-
-43
L8
65
AA5
T4
M9 R12 N10
-
46
L8
68
M9
PE15
I/O
FT_h
-
TIM1_BKIN,
TIM1_CH4N,
SPI1_MOSI, LCD_R2,
OCTOSPIM_P1_IO3,
FMC_D12, EVENTOUT
-
Table 26. STM32U59xxx pin/ball definitions(1) (continued) (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More