| 전자부품 데이터시트 검색엔진 |
|
STM32U595QJ 데이터시트(PDF) 122 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U595QJ 데이터시트(HTML) 122 Page - STMicroelectronics |
|
122 / 377 page ![]() 26 34 K4 45 AB10 M6 L5 M15 R7 28 37 K4 48 L5 PB2 I/O FT_hat - LPTIM1_CH1, TIM8_CH4N, I2C3_SMBA, SPI1_RDY, MDF1_CKI0, LCD_B1, OCTOSPIM_P1_DQS, UCPD1_FRSTX1, EVENTOUT COMP1 _INP2, ADC1_IN17, ADC2_IN17, WKUP1, RTC_OUT2 - - K5 46 R7 R7 M5 N16 P7 - - K5 49 M5 PF11 I/O FT_hv - OCTOSPIM_P1_NCLK , LCD_DE, DCMI_D12/PSSI_D12, DSI_TE, LPTIM4_IN1, EVENTOUT - - - L5 47 V8 V8 K6 T21 N7 - - L5 50 K6 PF12 I/O FT_h - OCTOSPIM_P2_DQS, LCD_B0, FMC_A6, LPTIM4_ETR, EVENTOUT - - - - 48 AA9 AB8 M7 B5 F10 - - - 51 M7 VSS S - - - - - - - 49 AC9 A7 N7 T19 J5 - - - 52 N7 VDD S - - - - - - M5 50 P6 AA9 M6 P17 M7 - - M5 53 M6 PF13 I/O FT_h - I2C4_SMBA, LCD_B1, UCPD1_FRSTX2, FMC_A7, LPTIM4_OUT, EVENTOUT - Table 26. STM32U59xxx pin/ball definitions(1) (continued) (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |