| 전자부품 데이터시트 검색엔진 |
|
STM32U595QJ 데이터시트(PDF) 137 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U595QJ 데이터시트(HTML) 137 Page - STMicroelectronics |
|
137 / 377 page ![]() 50 77 A11 110 F4 B4 A10 A8 A11 50 77 A11 110 A10 PA15 (JTDI) I/O FT_c (4) (6) JTDI, TIM2_CH1, TIM2_ETR, USART2_RX, SPI1_NSS, SPI3_NSS, USART3_RTS_DE, UART4_RTS_DE, SAI2_FS_B, EVENTOUT UCPD1_CC1 51 78 B11 111 D4 D4 C9 B9 A10 51 78 B11 111 C9 PC10 I/O FT_a - TRACED1, LPTIM3_ETR, ADF1_CCK1, SPI3_SCK, USART3_TX(boot), UART4_TX, TSC_G3_IO2, DCMI_D8/PSSI_D8, LPGPIO1_P8, SDMMC1_D2, SAI2_SCK_B, EVENTOUT - Table 26. STM32U59xxx pin/ball definitions(1) (continued) (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |