| 전자부품 데이터시트 검색엔진 |
|
STM32U595QJ 데이터시트(PDF) 140 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U595QJ 데이터시트(HTML) 140 Page - STMicroelectronics |
|
140 / 377 page ![]() - 85 B8 118 H6 B6 C8 D15 A8 - 85 B8 118 C8 PD4 I/O FT_h - SPI2_MOSI, MDF1_CKI0, USART2_RTS_DE, OCTOSPIM_P1_IO4, FMC_NOE, EVENTOUT - - 86 A8 119 F6 D6 E7 E16 B8 - 86 A8 119 E7 PD5 I/O FT_h - SPI2_RDY, USART2_TX, OCTOSPIM_P1_IO5, FMC_NWE, EVENTOUT - - - - 120 D6 H2 B8 R20 H15 - - - 120 B8 VSS S - - - - - - - 121 B6 U13 A8 A12 - - - - 121 A8 VDD S - - - - - 87 A7 122 K6 F6 B7 F17 C8 - 87 A7 122 B7 PD6 I/O FT_hv - SAI1_D1, DCMI_D10/PSSI_D10, SPI3_MOSI, MDF1_SDI1, USART2_RX, LCD_DE, OCTOSPIM_P1_IO6, SDMMC2_CK, FMC_NWAIT, SAI1_SD_A, EVENTOUT - Table 26. STM32U59xxx pin/ball definitions(1) (continued) (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |