전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32U595QJ 데이터시트(PDF) 146 Page - STMicroelectronics

부품명 STM32U595QJ
상세설명  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595QJ 데이터시트(HTML) 146 Page - STMicroelectronics

Back Button STM32U595QJ Datasheet HTML 142Page - STMicroelectronics STM32U595QJ Datasheet HTML 143Page - STMicroelectronics STM32U595QJ Datasheet HTML 144Page - STMicroelectronics STM32U595QJ Datasheet HTML 145Page - STMicroelectronics STM32U595QJ Datasheet HTML 146Page - STMicroelectronics STM32U595QJ Datasheet HTML 147Page - STMicroelectronics STM32U595QJ Datasheet HTML 148Page - STMicroelectronics STM32U595QJ Datasheet HTML 149Page - STMicroelectronics STM32U595QJ Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 377 page
background image
59
93
D5
136
C9
G7
F5
D19
A3
59
93
D5
137
F5
PB7
I/O FT_fhav
-
LPTIM1_IN2,
TIM4_CH2,
TIM8_BKIN,
I2C1_SDA(boot),
I2C4_SDA,
MDF1_CKI5,
USART1_RX,
UART4_CTS,
TSC_G2_IO4,
DCMI_VSYNC/PSSI_R
DY, FMC_NL,
TIM17_CH1N,
EVENTOUT
COMP2_
INM1,
PVD_IN,
WKUP4
60
94
B5
137
G9
J7
C5
E20
B4
60
94
B5
138
C5
PH3-
BOOT0
I/O
FT
-
EVENTOUT
-
61
95
C5
138
J9
C9
E5
B19
C6
61
95
C5
139
E5
PB8
I/O
FT_f
-
TIM4_CH3, SAI1_CK1,
I2C1_SCL,
MDF1_CCK0,
SPI3_RDY, LCD_B1,
SDMMC1_CKIN,
FDCAN1_RX(boot),
DCMI_D6/PSSI_D6,
SDMMC2_D4,
SDMMC1_D4,
SAI1_MCLK_A,
TIM16_CH1,
EVENTOUT
WKUP5
Table 26. STM32U59xxx pin/ball definitions(1) (continued) (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More