전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32U535NET3QTR 데이터시트(PDF) 104 Page - STMicroelectronics

부품명 STM32U535NET3QTR
상세설명  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535NET3QTR 데이터시트(HTML) 104 Page - STMicroelectronics

Back Button STM32U535NET3QTR Datasheet HTML 100Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 101Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 102Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 103Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 104Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 105Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 106Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 107Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 278 page
background image
-
E3
-
-
-
-
-
25
33 H8 51
L12
PB12
I/O
FT_hav
-
TIM1_BKIN, I2C2_SMBA,
SPI2_NSS(boot), MDF1_SDI1,
USART3_CK,
LPUART1_RTS_DE,
TSC_G1_IO1, OCTOSPI1_NCLK,
TIM15_BKIN, EVENTOUT
-
26
G1
34 G8 G4
52
L11
26
34 G8 52
K12
PB13
I/O
FT_fa
-
TIM1_CH1N, LPTIM3_IN1,
I2C2_SCL, SPI2_SCK(boot),
MDF1_CKI1, USART3_CTS,
LPUART1_CTS, TSC_G1_IO2,
TIM15_CH1N, EVENTOUT
-
27
E1
35 E6 G2
53 M11
27
35 F8
53
K11
PB14
I/O
FT_fa
-
TIM1_CH2N, LPTIM3_ETR,
TIM8_CH2N, I2C2_SDA,
SPI2_MISO(boot),
USART3_RTS_DE, TSC_G1_IO3,
TIM15_CH1, EVENTOUT
-
28
F2
36 F7
H1
54 M12
28
36 F7
54
K10
PB15
I/O
FT
-
RTC_REFIN, TIM1_CH3N,
LPTIM2_IN2, TIM8_CH3N,
SPI2_MOSI(boot), TIM15_CH2,
EVENTOUT
WKUP7
--
-
-
-
55
J10
-
-
-
55
K9
PD8
I/O
FT_h
-
USART3_TX,
DCMI_HSYNC/PSSI_DE,
EVENTOUT
-
--
-
-
-
56
K11
-
-
-
56
K8
PD9
I/O
FT_h
-
LPTIM2_IN2, USART3_RX,
DCMI_PIXCLK/PSSI_PDCK,
LPTIM3_IN1, EVENTOUT
-
Table 26. STM32U535xx pin/ball definitions(1) (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More