| 전자부품 데이터시트 검색엔진 |
|
DFE252012F-R47M 데이터시트(PDF) 61 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
DFE252012F-R47M 데이터시트(HTML) 61 Page - Analog Devices |
|
61 / 122 page ![]() ADDRESS NAME MSB LSB 0x21 BUCK_MSK[7:0] M4_SCF LT_M M3_SCF LT_M M2_SCF LT_M M1_SCF LT_M M4_POK FLT_M M3_POK FLT_M M2_POK FLT_M M1_POK FLT_M 0x22 BUCK_STAT[7:0] M4_SCF LT M3_SCF LT M2_SCF LT M1_SCF LT M4_POK M3_POK M2_POK M1_POK 0x23 M1_VOUT_H[7:0] M1_VOUT_H[7:0] 0x24 M1_VOUT_L[7:0] M1_VOUT_L[7:0] 0x25 M1_VOUT_B[7:0] M1_VOUT_B[7:0] 0x26 M1_VOUT_M[7:0] M1_VOUT_M[4:0] RESERV ED M1_RNG[1:0] 0x27 M1_CFG1[7:0] RESERVED[1:0] M1_RD_SR[2:0] M1_RU_SR[2:0] 0x28 M1_CFG2[7:0] RESERVED[1:0] M1_SSTOP_SR[2:0] M1_SSTRT_SR[2:0] 0x29 M1_CFG3[7:0] M1_BBRK[1:0] M1_ADI S100 M1_ADI S1 M1_FTR AK M1_REF RESH M1_FSR EN M1_FPW M 0x2A M1_CFG4[7:0] M1_SS_ENV[1:0] M1_SS_FREQ[1:0] M1_SSM_PAT[1:0] M1_FREQ[1:0] 0x2B M1_CFG5[7:0] RESERVED[2:0] RESERV ED RESERVED[1:0] M1_ILIM[1:0] BUCK2 CONFIGURATION 0x33 M2_VOUT_H[7:0] M2_VOUT_H[7:0] 0x34 M2_VOUT_L[7:0] M2_VOUT_L[7:0] 0x35 M2_VOUT_B[7:0] M2_VOUT_B[7:0] 0x36 M2_VOUT_M[7:0] M2_VOUT_M[4:0] RESERV ED M2_RNG[1:0] 0x37 M2_CFG1[7:0] RESERVED[1:0] M2_RD_SR[2:0] M2_RU_SR[2:0] 0x38 M2_CFG2[7:0] RESERVED[1:0] M2_SSTOP_SR[2:0] M2_SSTRT_SR[2:0] 0x39 M2_CFG3[7:0] M2_BBRK[1:0] M2_ADI S100 M2_ADI S1 M2_FTR AK M2_REF RESH M2_FSR EN M2_FPW M 0x3A M2_CFG4[7:0] M2_SS_ENV[1:0] M2_SS_FREQ[1:0] M2_SSM_PAT[1:0] M2_FREQ[1:0] 0x3B M2_CFG5[7:0] RESERVED[2:0] RESERV ED RESERVED[1:0] M2_ILIM[1:0] BUCK3 CONFIGURATION 0x43 M3_VOUT_H[7:0] M3_VOUT_H[7:0] 0x44 M3_VOUT_L[7:0] M3_VOUT_L[7:0] 0x45 M3_VOUT_B[7:0] M3_VOUT_B[7:0] 0x46 M3_VOUT_M[7:0] M3_VOUT_M[4:0] RESERV ED M3_RNG[1:0] 0x47 M3_CFG1[7:0] RESERVED[1:0] M3_RD_SR[2:0] M3_RU_SR[2:0] 0x48 M3_CFG2[7:0] RESERVED[1:0] M3_SSTOP_SR[2:0] M3_SSTRT_SR[2:0] 0x49 M3_CFG3[7:0] M3_BBRK[1:0] M3_ADI S100 M3_ADI S1 M3_FTR AK M3_REF RESH M3_FSR EN M3_FPW M 0x4A M3_CFG4[7:0] M3_SS_ENV[1:0] M3_SS_FREQ[1:0] M3_SSM_PAT[1:0] M3_FREQ[1:0] 0x4B M3_CFG5[7:0] RESERVED[2:0] RESERV ED RESERVED[1:0] M3_ILIM[1:0] BUCK4 CONFIGURATION 0x53 M4_VOUT_H[7:0] M4_VOUT_H[7:0] 0x54 M4_VOUT_L[7:0] M4_VOUT_L[7:0] 0x55 M4_VOUT_B[7:0] M4_VOUT_B[7:0] MAX77542 16VIN/16A, Quad-Phase High-Efficiency Buck Converter www.analog.com Analog Devices | 61 |