전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

84427CMLF 데이터시트(PDF) 5 Page - Renesas Technology Corp

부품명 84427CMLF
상세설명  Crystal-to-LVDS Integrated Frequency Synthesizer/Fanout Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

84427CMLF 데이터시트(HTML) 5 Page - Renesas Technology Corp

  84427CMLF Datasheet HTML 1Page - Renesas Technology Corp 84427CMLF Datasheet HTML 2Page - Renesas Technology Corp 84427CMLF Datasheet HTML 3Page - Renesas Technology Corp 84427CMLF Datasheet HTML 4Page - Renesas Technology Corp 84427CMLF Datasheet HTML 5Page - Renesas Technology Corp 84427CMLF Datasheet HTML 6Page - Renesas Technology Corp 84427CMLF Datasheet HTML 7Page - Renesas Technology Corp 84427CMLF Datasheet HTML 8Page - Renesas Technology Corp 84427CMLF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
REVISION B 5/6/15
84427 DATA SHEET
5
CRYSTAL-TO-LVDS
INTEGRATED FREQUENCY SYNTHESIZER/FANOUT BUFFER
TYPICAL PHASE NOISE AT 155.52MHZ
155.52MHz
RMS Phase Noise Jitter
12kHz to 20MHz = 3.4ps (typical)
156.25MHz
RMS Phase Noise Jitter
12kHz to 20MHz = 3.1ps (typical)
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
-160
-170
-180
-190
10
100
1k
10k
100k
1M
10M
100M
OFFSET FREQUENCY (HZ)
OFFSET FREQUENCY (HZ)
TYPICAL PHASE NOISE AT 156.25MHZ
10
100
1k
10k
100k
1M
10M
100M
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
-160
-170
-180
-190
10Gb Ethernet Filter
Raw Phase Noise Data
Phase Noise Result by adding
10Gb Ethernet Filter to raw data
SONET Filter
Raw Phase Noise Data
Phase Noise Result by adding a
SONET Filter to raw data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com