전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

84427CMLF 데이터시트(PDF) 7 Page - Renesas Technology Corp

부품명 84427CMLF
상세설명  Crystal-to-LVDS Integrated Frequency Synthesizer/Fanout Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

84427CMLF 데이터시트(HTML) 7 Page - Renesas Technology Corp

Back Button 84427CMLF Datasheet HTML 3Page - Renesas Technology Corp 84427CMLF Datasheet HTML 4Page - Renesas Technology Corp 84427CMLF Datasheet HTML 5Page - Renesas Technology Corp 84427CMLF Datasheet HTML 6Page - Renesas Technology Corp 84427CMLF Datasheet HTML 7Page - Renesas Technology Corp 84427CMLF Datasheet HTML 8Page - Renesas Technology Corp 84427CMLF Datasheet HTML 9Page - Renesas Technology Corp 84427CMLF Datasheet HTML 10Page - Renesas Technology Corp 84427CMLF Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
REVISION B 5/6/15
84427 DATA SHEET
7
CRYSTAL-TO-LVDS
INTEGRATED FREQUENCY SYNTHESIZER/FANOUT BUFFER
APPLICATION INFORMATION
As in any high speed analog circuitry, the power supply
pins are vulnerable to random noise. The 84427 provides
separate power supplies to isolate any high switching
noise from the outputs to the internal PLL.V
DD and VDDA should be
individually connected to the power supply plane through vias,
and bypass capacitors should be used for each pin. To achieve
optimum jitter performance, power supply isolation is required.
Figure 1 illustrates how a 24
Ω resistor along with a 10μF and a
.01
μF bypass capacitor should be connected to each V
DDA pin.
POWER SUPPLY FILTERING TECHNIQUES
FIGURE 1. POWER SUPPLY FILTERING
24
Ω
V
DDA
10
μF
.01
μF
3.3V
.01
μF
V
DD
CRYSTAL INPUT INTERFACE
The 84427 has been characterized with 18pF parallel resonant
crystals. The capacitor values, C1 and C2, shown in Figure 2
below were determined using an 18pF parallel resonant crystal
Figure 2. CRYSTAL INPUt INTERFACE
and were chosen to minimize the ppm error. The optimum C1
and C2 values can be slightly adjusted for different board layouts.
C1
18p
X1
18pF Parallel Crystal
C2
22p
XTAL_IN
XTAL_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com