전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

84427CMLFT 데이터시트(PDF) 14 Page - Renesas Technology Corp

부품명 84427CMLFT
상세설명  Crystal-to-LVDS Integrated Frequency Synthesizer/Fanout Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

84427CMLFT 데이터시트(HTML) 14 Page - Renesas Technology Corp

Back Button 84427CMLFT Datasheet HTML 9Page - Renesas Technology Corp 84427CMLFT Datasheet HTML 10Page - Renesas Technology Corp 84427CMLFT Datasheet HTML 11Page - Renesas Technology Corp 84427CMLFT Datasheet HTML 12Page - Renesas Technology Corp 84427CMLFT Datasheet HTML 13Page - Renesas Technology Corp 84427CMLFT Datasheet HTML 14Page - Renesas Technology Corp 84427CMLFT Datasheet HTML 15Page - Renesas Technology Corp 84427CMLFT Datasheet HTML 16Page - Renesas Technology Corp 84427CMLFT Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
CRYSTAL-TO-LVDS
INTEGRATED FREQUENCY SYNTHESIZER/FANOUT BUFFER
84427 DATA SHEET
14
REVISION B 5/6/15
TABLE 9. ORDERING INFORMATION
Part/Order Number
Marking
Package
Shipping Packaging
Temperature
84427CMLF
ICS84427CMLF
24 Lead “Lead-Free” SOIC
tube
0°C to 70°C
84427CMLFT
ICS84427CMLF
24 Lead “Lead-Free” SOIC
tape & reel
0°C to 70°C
NOTE: Parts that are ordered with an “LF” suffix to the part number are the Pb-Free configuration and are RoHS complaint.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com