전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

84427CMLFT 데이터시트(PDF) 2 Page - Renesas Technology Corp

부품명 84427CMLFT
상세설명  Crystal-to-LVDS Integrated Frequency Synthesizer/Fanout Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

84427CMLFT 데이터시트(HTML) 2 Page - Renesas Technology Corp

  84427CMLFT Datasheet HTML 1Page - Renesas Technology Corp 84427CMLFT Datasheet HTML 2Page - Renesas Technology Corp 84427CMLFT Datasheet HTML 3Page - Renesas Technology Corp 84427CMLFT Datasheet HTML 4Page - Renesas Technology Corp 84427CMLFT Datasheet HTML 5Page - Renesas Technology Corp 84427CMLFT Datasheet HTML 6Page - Renesas Technology Corp 84427CMLFT Datasheet HTML 7Page - Renesas Technology Corp 84427CMLFT Datasheet HTML 8Page - Renesas Technology Corp 84427CMLFT Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
CRYSTAL-TO-LVDS
INTEGRATED FREQUENCY SYNTHESIZER/FANOUT BUFFER
84427 DATA SHEET
2
REVISION B 5/6/15
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
C
IN
Input Capacitance
4
pF
R
PULLUP
Input Pullup Resistor
51
k
Ω
R
PULLDOWN
Input Pulldown Resistor
51
k
Ω
Number
Name
Type
Description
1, 2
Q0, nQ0
Output
Differential output pair. LVDS interface levels.
3, 4
Q1, nQ1
Output
Differential output pair. LVDS interface levels.
5, 6
Q2, nQ2
Output
Differential output pair. LVDS interface levels.
7, 8
Q3, nQ3
Output
Differential output pair. LVDS interface levels.
9, 10
Q4, nQ4
Output
Differential output pair. LVDS interface levels.
11, 12
Q5, nQ5
Output
Differential output pair. LVDS interface levels.
13, 16, 24
V
DD
Power
Core supply pins.
14
GND
Power supply ground.
15
PLL_SEL
Input
Pullup
Selects between the PLL and crystal inputs as the input to the dividers.
When HIGH, selects PLL. When LOW, selects XTAL_IN and XTAL_OUT.
LVCMOS / LVTTL interface levels.
17
V
DDA
Power
Analog supply pin.
18
F_SEL2
Input
Pullup
Feedback frequency select pin. LVCMOS/LVTTL interface levels.
19,
20
XTAL_OUT,
XTAL_IN
Input
Crystal oscillator interface. XTAL_IN is the input,
XTAL_OUT is the output.
21
MR
Input
Pulldown
Active High Master Reset. When logic HIGH, the internal dividers are
reset causing the true outputs Qx to go low and the inverted outputs nQx
to go high. When logic LOW, the internal dividers and the outputs are
enabled. LVCMOS / LVTTL interface levels.
22
F_SEL1
Input
Pulldown Output frequency select pin. LVCMOS/LVTTL interface levels.
23
F_SEL0
Input
Pullup
Output frequency select pin. LVCMOS/LVTTL interface levels.
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com