전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DA7202 데이터시트(PDF) 11 Page - Renesas Technology Corp

부품명 DA7202
상세설명  10 W Mono Class-D Amplifier for 2S Battery Devices
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7202 데이터시트(HTML) 11 Page - Renesas Technology Corp

Back Button DA7202 Datasheet HTML 7Page - Renesas Technology Corp DA7202 Datasheet HTML 8Page - Renesas Technology Corp DA7202 Datasheet HTML 9Page - Renesas Technology Corp DA7202 Datasheet HTML 10Page - Renesas Technology Corp DA7202 Datasheet HTML 11Page - Renesas Technology Corp DA7202 Datasheet HTML 12Page - Renesas Technology Corp DA7202 Datasheet HTML 13Page - Renesas Technology Corp DA7202 Datasheet HTML 14Page - Renesas Technology Corp DA7202 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
DA7202
10 W Mono Class-D Amplifier for 2S Battery
Devices
Datasheet
Revision 3.4
23-Dec-2021
CFR0011-120-00 Rev 5
11 of 28
© 2021 Renesas Electronics
Table 6), it is possible to calculate the maximum ambient temperature (TA(MAX)) using the following
equation:
TA(MAX) = TJ(MAX) –
θJA x PD(MAX)
Up to an ambient temperature of 85°C, DA7202 can dissipate 0.56 W of heat before reaching 125°C.
Note that if the DA7202 is operated continuously at, or close to, its maximum output power, there is a
risk of overheating and thermal shutdown unless steps are taken to dissipate this excess heat.
8.4
Gain
The DA7202 has a fixed gain of +18 dB.
Output volume is directly proportional to the input signal strength. It is assumed that any required
variation in output volume will be controlled by varying the DA7202 input signal. The input signal
amplitude can be reduced by the use of resistor dividers in conjunction with the known input
impedance.
8.5
Class D output stage
The class D output stage is connected directly to the PVDD (two cell battery pack) power supply.
High-efficiency operation is achieved by operating the output transistors as switches. The output
power transistors are either fully On or fully Off, providing a minimum resistance path for current from
the power supply to the load. The block’s outputs are connected directly to the speaker at OUT_P
and OUT_N.
Filterless operation is achieved by connecting a load (a speaker) between the output terminals of the
Class D ouput block. As a result, the voltage across the load represents a PWM (Pulse Width
Modulated) audio signal, while the output current in the load is a filtered, demodulated representation
of the input audio signal.
For filterless operation, the speaker load can be considered as a first order output filter with a cut-off
frequency well below the PWM carrier signal (the current in the load is a filtered version of the output
PWM voltage signal). See section 10.2 for further detail on speaker selection.
8.6
Power down (PDN_N)
The DA7202 is powered down by pulling the PDN_N pin low. When the device is powered down, a
controlled shutdown process is performed, thus ensuring that there are no audible artefacts (pops
and clicks) on the output path.
The time to disable the device is illustrated in Figure 16.
Table 7: Actions of the PDN_N pin
PDN_N Value
Description
0
Power Down
1
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com