전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DA7202 데이터시트(PDF) 21 Page - Renesas Technology Corp

부품명 DA7202
상세설명  10 W Mono Class-D Amplifier for 2S Battery Devices
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7202 데이터시트(HTML) 21 Page - Renesas Technology Corp

Back Button DA7202 Datasheet HTML 17Page - Renesas Technology Corp DA7202 Datasheet HTML 18Page - Renesas Technology Corp DA7202 Datasheet HTML 19Page - Renesas Technology Corp DA7202 Datasheet HTML 20Page - Renesas Technology Corp DA7202 Datasheet HTML 21Page - Renesas Technology Corp DA7202 Datasheet HTML 22Page - Renesas Technology Corp DA7202 Datasheet HTML 23Page - Renesas Technology Corp DA7202 Datasheet HTML 24Page - Renesas Technology Corp DA7202 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
DA7202
10 W Mono Class-D Amplifier for 2S Battery
Devices
Datasheet
Revision 3.4
23-Dec-2021
CFR0011-120-00 Rev 5
21 of 28
© 2021 Renesas Electronics
10 Application information
10.1 PCB layout
The performance of the DA7202 relies on good PCB layout. Failure to follow best practice can have
undesired side effects that include, but are not limited to, electromagnetic interference (EMI) and
electromagnetic compatibility (EMC) problems, ground bounce, and voltage losses. Poor layout can
also affect regulation and stability. Dialog Semiconductor recommend that the following guidelines
are followed:
● Place any input capacitors and output capacitors close to the device using short tracks. These
components carry high switching frequencies, and long tracks can act as an antenna.
● Maximise the size of ground metal on the component side to help with thermal dissipation.
● Use a ground plane with several vias connecting to the component side ground to further reduce
noise interference on sensitive circuit nodes.
● If external resistors are to be used to change the gain, these should be placed close to the
device.
● It is recommended that ferrite beads are included on the output paths to reduce EMI interference
and noise.
10.2 Speaker selection
The output from the DA7202 Class-D amplifier contains high frequency signals that are a result of its
switched PWM operation. These high frequency harmonics are at a much higher frequency than is
recommended for most speakers, so they must be filtered out to protect the speaker.
The correct choice of speaker is therefore important since the speaker itself can act as a low-pass
filter, attenuating the undesirable high frequency harmonics while still passing the desired audio
frequencies.
The 3 dB cut-off frequency for speaker inductance and resistance can be calculated using the
following formula:
fc = RLOAD
/ 2πL
Therefore to achieve a 3 dB cut-off frequency of 20 kHz with an 8
Ω speaker, a speaker should be
selected with an inductance of:
L = RLOAD
/ 2πfc = 8 Ω / 2π * 20 kHz = 64 μH
8
Ω speakers for portable applications typically have an inductance in the range of 20 μH to 100 μH.
Speakers with a higher inductance than the 64
μH calculated above will have a 3 dB cut-off
frequency below 20 kHz, resulting in a reduced audio bandwidth. Conversely, speakers with an
inductance lower than 64
μH will have a higher cut-off frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com