전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7142 데이터시트(PDF) 68 Page - Analog Devices

부품명 AD7142
상세설명  Programmable Capacitance-to-Digital Converter with Environmental Compensation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7142 데이터시트(HTML) 68 Page - Analog Devices

Back Button AD7142 Datasheet HTML 60Page - Analog Devices AD7142 Datasheet HTML 61Page - Analog Devices AD7142 Datasheet HTML 62Page - Analog Devices AD7142 Datasheet HTML 63Page - Analog Devices AD7142 Datasheet HTML 64Page - Analog Devices AD7142 Datasheet HTML 65Page - Analog Devices AD7142 Datasheet HTML 66Page - Analog Devices AD7142 Datasheet HTML 67Page - Analog Devices AD7142 Datasheet HTML 68Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 68 / 68 page
background image
AD7142
Rev. 0 | Page 68 of 68
T
NOTES
Purchase of licensed I2C components of Analog Devices or one of its sublicensed Associated Companies conveys a license for the purchaser under the Philips I2C Patent
Rights to use these components in an I2C system, provided that the system conforms to the I2C Standard Specification as defined by Philips.
©2006 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D05702-0-6/06(0)
TTT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68